Part Number Hot Search : 
A4910 SRU1063 GBPC35 CMT18N20 S222M PST3809 T4110M 38ECP
Product Description
Full Text Search
 

To Download UMH1N11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  umh1n digital transistors ? two dtc124e chip in a package ? mounting possible with sot-363 automatic mounting machines. ? transistor elements are independent, eliminating interference. absolute maximum ratings @ 25  symbol parameter value unit v cc supply voltage 50 v v in input voltage -10~40 v i o output current 30 ma i c(max) collector current 100 ma p d power dissipation 150 mw t j junction temperature 150  t stg storage temperature -55~150  electrical characteristics @ 25  symbol parameter min typ max unit v i(off) --- --- 0.5 v v i(on) input voltage (v cc =5v, i o =100 a) (v o =0.2v, i o =5ma) 3.0 --- --- v v o(on) output voltage (i o /i i =10ma/0.5ma) --- 0.1 0.3 v i i input current (v i =5v) --- --- 0.36 ma i o(off) output current (v cc =50v, v i =0) --- --- 0.5 a g i dc current gain (v o =5v, i o =5ma) 56 --- --- r 1 input resistance 15.4 22 28.6 k? r 2 /r 1 resistance ratio 0.8 1.0 1.2 f t transition frequency (v ce =10v, i e =-5ma, f=100mhz) --- 250 --- mhz  
 omp onents 20736 marilla street chatsworth       
     mcc tm micro commercial components equivalent circuit marking :h1 j m a c b g h k d l dimensions sot-363 revision: a 2011/01/01 www. mccsemi .com 1 of 3 mm dim min max min max note a .006 .014 0.15 0.35 b .045 .053 1.15 1.35 c .085 .096 2.15 2.45 d .026 0.65nominal g .047 .055 1.20 1.40 h .071 .087 1.80 2.20 j --- .004 --- 0.10 k .035 .043 0.90 1.10 l .010 .018 0.26 0.46 m .003 .006 0.08 0.15 features lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 inches
www. mccsemi .com 2 of 3 umh1 n mcc tm micro commercial components revision: a 2011/01/01
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-tp tape&reel;3kpcs/reel


▲Up To Search▲   

 
Price & Availability of UMH1N11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X